PART |
Description |
Maker |
ISL29501-15 |
Time of Flight (ToF) Signal Processing IC
|
Intersil Corporation
|
F9892-11 F9892-12 F9890-11 F9890-12 |
HIGH TIME RESOLUTION TOF-MS DETECTOR HIGH VOLTAGE FLOATING OPERATION
|
Hamamatsu Corporation
|
VDN60-1500 VDN60-1600 VDN60-1800 VDN60-1900 VDN60- |
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
|
Power Systems GmbH Co.KG
|
FP-8987SQ-04-1001-JB-1 FP-8987SQ-05-1001-JB-1 FP-8 |
Space Flight Surface Mount Flat Packs Resistor Networks
|
IRC - a TT electronics Company.
|
RT3PE600L-1CG484B RT3PE3000L-CG484B RT3PE3000L-1CG |
Radiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs
|
Actel Corporation
|
FMC6G50US60 |
IGBT Compact & Complex Module Signal Generator; Signal Generator Type:ARB/Frequency/Signal; Bandwidth Max:21.5MHz; Modulation Type:Amplitude/Frequency; Sweep Rate Range:0 Hz to 21.5 MHz lin/log; Sweep Time Range:1 mSec to 60 Sec; Accuracy:0.001% Frequency
|
Fairchild Semiconductor Corporation
|
XE162HN-24F80L XE162FN-24F80L XE162FN-16F80L XE162 |
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
|
Infineon Technologies AG
|
MD60F18 |
1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time 0.25 A, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
X150FG |
15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time 0.05 A, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
PCF212311 PCF2123BS PCF2123TS PCF2123U PCF210AA PC |
SPI Real time clock/calendar Time keeping application
|
NXP Semiconductors
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|